PART |
Description |
Maker |
BF-LCXXXX |
Multilayer Ferrite Chip Bead
|
Caliber
|
BF-LC100505-100 BF-LC201209 BF-LC201209-110 BF-LC2 |
Multilayer Ferrite Chip Bead
|
Caliber Electronics Inc. ETC List of Unclassifed Manufacturers
|
ILBB0603-RK300V ILBB0603RK300V ILBB-0603 |
Multilayer Ferrite Bead Multilayer Ferrite Beads SWITCH DIP 8POS SIDE ACT LONG
|
VISAY[Vishay Siliconix] Vishay Intertechnology,Inc.
|
BLM21AG221SN1P BLM21AG331SN1P BLM21AG471SN1P BLM21 |
EMIFILr (Inductor type) Chip Ferrite Bead EMIFIL (Inductor type) Chip Ferrite Bead BLM21A Series (0805 Size)
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co., L...
|
BLM15HB221SN1 BLM15HG601SN1 BLM15HD102SN1 BLM15HD1 |
Chip Ferrite Bead for GHz Noise EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co...
|
BLM41AF800SN1L |
FERRITE BEAD,CHIP,TYPE 1806, 500 MA 1 FUNCTIONS, 0.5 A, FERRITE CHIP
|
Murata Manufacturing Co., Ltd.
|
CZP2BPTTD500P CZP2BPTTE500P CZP1JPTTD500P CZP2APTT |
multilayer power ferrite bead
|
KOA Speer Electronics, Inc.
|
MH3261-900Y |
MAGNETICS - FERRITE CHIP BEAD 1 FUNCTIONS, 3 A, FERRITE CHIP
|
Bourns, Inc.
|
HZ0805C202R-10 HZ0805B272R-10 HZ0805B222R-10 HI222 |
FERRITE CHIP SIGNAL 2000 OHM SMD 1 FUNCTIONS, 0.3 A, FERRITE CHIP FERRITE CHIP 0805 2700 OHM SMD 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP 2200OHMS 200MA 0805 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE 4A 700 OHM 2220 SMD 1 FUNCTIONS, 4 A, FERRITE CHIP FERRITE CHIP SIGNAL 120 OHM SMD 1 FUNCTIONS, 0.8 A, FERRITE CHIP FERRITE CHIP SIGNAL 150 OHM SMD 1 FUNCTIONS, 0.8 A, FERRITE CHIP FERRITE 8A 125 OHMS 1812 SMD 1 FUNCTIONS, 8 A, FERRITE CHIP FERRITE 1.5A 90 OHM 1206 SMD 1 FUNCTIONS, 1.5 A, FERRITE CHIP FERRITE 500MA 600 OHM 0805 SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 700MA 120 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE ARRAY 200MA 600 OHMS SMD 4 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE 700MA 220 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE CHIP 220 OHMS 300MA 0402 1 FUNCTIONS, 0.3 A, FERRITE CHIP FERRITE CHIP 120 OHMS 400MA 1812 1 FUNCTIONS, 0.4 A, FERRITE CHIP FERRITE 700MA 80 OHM 0603 SMD 1 FUNCTIONS, 0.7 A, FERRITE CHIP FERRITE 200MA 300 OHM 0402 SMD 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP .5A 60 OHM SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 10A 56 OHM 1612 SMD 1 FUNCTIONS, 10 A, FERRITE CHIP FERRITE CHIP 1800 OHMS 50MA 0603 1 FUNCTIONS, 0.05 A, FERRITE CHIP FERRITE 500MA 600 OHM 1206 SMD 1 FUNCTIONS, 0.5 A, FERRITE CHIP FERRITE 100MA 600 OHM 0402 SMD 1 FUNCTIONS, 0.1 A, FERRITE CHIP FERRITE CHIP 1000OHMS 200MA 0402 1 FUNCTIONS, 0.2 A, FERRITE CHIP FERRITE CHIP POWER 60 OHM SMD 1 FUNCTIONS, 4 A, FERRITE CHIP FERRITE 4A 250 OHM 2220 SMD FERRITE ARRAY 500MA 30 OHMS SMD FERRITE ARRAY 300MA 120 OHMS SMD
|
Laird Technologies, Inc. OKI SEMICONDUCTOR CO., LTD.
|
PMA1206H-221-RC PMA1206H-600-RC PMA1206L-301-RC PM |
Chip Bead Array 4 FUNCTIONS, 0.15 A, FERRITE CHIP Chip Bead Array 4 FUNCTIONS, 0.1 A, FERRITE CHIP
|
Bourns, Inc. BOURNS INC
|
SHU-1M2012-800 SHU-1M2012-600 SHU-1M2012-400 SHU-1 |
1 FUNCTIONS, 4.8 A, FERRITE CHIP Multilayer Chip Ferrite Beads
|
Sumida Corporation
|
|